Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4240 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 3 Page - Linear Technology

  LTC4240 Datasheet HTML 1Page - Linear Technology LTC4240 Datasheet HTML 2Page - Linear Technology LTC4240 Datasheet HTML 3Page - Linear Technology LTC4240 Datasheet HTML 4Page - Linear Technology LTC4240 Datasheet HTML 5Page - Linear Technology LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC4240
3
4240f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 12VIN = 12V, VEEIN = –12V, V3VIN = 3.3V, V5VIN = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
5VIN – 0.4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆V12V
12V Switch Voltage Drop
∆V12V = (V12VIN – V12VOUT), I = 500mA
q
300
600
mV
∆VVEE
VEE Switch Voltage Drop
∆VVEE = (VEEOUT – VEEIN), I = 100mA
q
125
250
mV
ICL
Current Foldback
12VIN = 12V, 12VOUT = 0V
q
– 50
–350
– 800
mA
VEEIN = –12V, VEEOUT = 0V
q
50
250
350
mA
ITH
Current Fault Threshold
12VIN = 12V
q
–550
– 1250 – 1900
mA
VEEIN = –12V
q
225
500
800
mA
TTS
Thermal Shutdown Temperature
Note 4
150
°C
VTH
Power Good Threshold Voltage
12VOUT
q
10.8
11.1
11.4
V
5VOUT
q
4.50
4.65
4.75
V
3VOUT
q
2.8
2.9
3.0
V
VEEOUT
q
– 10
– 10.5
– 10.8
V
VIL
Input Low Voltage
OFF/ON, RESETIN, SCL, SDA, PRSNT1#, PRSNT2#
q
0.8
V
VIH
Input High Voltage
OFF/ON, RESETIN, SCL, SDA, PRSNT1#, PRSNT2#
q
2V
IIN
Input Current PRSNT1#, PRSNT2#,
OFF/ON = RESETIN = SDA = SCL = 0V, 5V,
q
±0.08
±2
µA
OFF/ON, RESETIN, SDA, SCL
PRSNT1#, PRSNT2# = 0V, 5V
q
±0.08
±2
µA
RESETOUT, FAULT Leakage Current
RESETOUT = FAULT = 12V, OFF/ON = 0V, RESETIN = 3.3V
q
±0.08
±2
µA
PWRGD Leakage Current
PWRGD = 12V, OFF/ON = 4V
q
±0.08
±2
µA
5VSENSE Input Current
5VSENSE = 5V, 5VOUT = 0V, GATE = 0V
q
55
100
µA
3VSENSE Input Current
3VSENSE = 3.3V, 3VOUT = 0V, GATE = 0V
q
55
100
µA
5VIN Input Current
5VIN = 5V, TIMER = 0V, OFF/ON = 0V
q
0.8
1.5
mA
3VIN Input Current
3VIN = 3.3V, TIMER = Open
q
250
600
µA
3VIN = 3.3V, TIMER = 0V
q
250
500
µA
5VOUT Input Current
5VOUT = 5V, OFF/ON = 0V, TIMER = 0V, GATE = 0V
q
237
400
µA
3VOUT Input Current
3VOUT = 3.3V, OFF/ON = 0V, TIMER = 0V, GATE = 0V
q
120
200
µA
VEEIN Input Current
TIMER = 0V, OFF/ON = 0V
q
–950
–1200
µA
Precharge Input Current
VPRECHARGE = 1V
q
10
µA
ADDRIN
ADDRIN = 0V, 5V
q
±0.1
µA
ITIMER
TIMER Pin Current
OFF/ON = 0V, TIMER = 0V
q
–6
– 11.5
–17
µA
TIMER = 5V, OFF/ON = 2V
q
15
28
55
mA
VTIMER
TIMER Threshold Voltages
q
5
5.5
6.5
V
RDIS
12VOUT Discharge Impedance
q
430
1000
Ω
5VOUT Discharge Impedance
q
50
100
Ω
3VOUT Discharge Impedance
q
150
300
Ω
VEEOUT Discharge Impedance
q
650
1000
Ω
VOH
CMOS Output High Voltage
BE, I = –100
µA
q
V
VOL
CMOS Output Low Voltage
BE, I = 100
µA
q
0.4
V
Output Low Voltage
PWRGD, RESETOUT, FAULT, SDA(I = 3mA)
q
0.4
V
Output Low Voltage
LED (I = 10mA)
q
0.8
V
VPXG
PRECHARGE Reference Voltage
V5VIN = 5V
q
0.9
1
1.1
V
I2C Timing (Note 4)
fSCL
SCL Clock Frequency
100
kHz
tSUSTA
Start Condition Setup Time
4.7
µs
tBUF
Bus Free Time Between Stop and Start
4.7
µs
tHDSTA
Start Condition Hold Time
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com