Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 91 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 87Page - Texas Instruments TAS3103DBT Datasheet HTML 88Page - Texas Instruments TAS3103DBT Datasheet HTML 89Page - Texas Instruments TAS3103DBT Datasheet HTML 90Page - Texas Instruments TAS3103DBT Datasheet HTML 91Page - Texas Instruments TAS3103DBT Datasheet HTML 92Page - Texas Instruments TAS3103DBT Datasheet HTML 93Page - Texas Instruments TAS3103DBT Datasheet HTML 94Page - Texas Instruments TAS3103DBT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
3−31
3.7.1
DRC Implementation
Figure 3−21 shows the three elements comprising the DRC: (1) an rms estimator, (2) a compression/expansion
coefficient computation engine, and (3) an attack/decay controller.
•
RMS estimator—This DRC element derives an estimate of the rms value of the audio data stream into the
DRC. For the DRC block shared by CH1 and CH2, two estimates are computed—an estimate of the CH1
audio data stream into the DRC, and an estimate of the CH2 audio data stream into the DRC. The outputs
of the two estimators are then compared, sample-by-sample, and the larger valued sample is forwarded
to the compression/expansion coefficient computation engine.
Two programmable parameters, ae and (1 – ae), set the effective time window over which the rms estimate
is made. For the DRC block shared by CH1 and CH2, the programmable parameters apply to both rms
estimators. The time window over which the rms estimation is computed can be determined by:
t
window +
* 1
F
S
n(1
* ae)
•
Compression/expansion coefficient computation—This DRC element converts the output of the rms
estimator to a logarithmic number, determines the region that the input resides, and then computes and
outputs the appropriate coefficient to the attack/decay element. Seven programmable parameters—T1, T2,
O1, O2, k0, k1, and k2—define the three compression/expansion regions implemented by this element.
•
Attack/decay control—This DRC element controls the transition time of changes in the coefficient computed
in the compression/expansion coefficient computation element. Four programmable parameters define the
operation of this element. Parameters ad and 1 − ad set the decay or release time constant to be used for
volume boost (expansion). Parameters aa and 1 − aa set the attack time constant to be used for volume
cuts. The transition time constants can be determined by:
ta +
* 1
F
S
n(1
* aa)
t
d +
* 1
F
S
n(1
* ad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com