Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 122 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 118Page - Texas Instruments TAS3103DBT Datasheet HTML 119Page - Texas Instruments TAS3103DBT Datasheet HTML 120Page - Texas Instruments TAS3103DBT Datasheet HTML 121Page - Texas Instruments TAS3103DBT Datasheet HTML 122Page - Texas Instruments TAS3103DBT Datasheet HTML 123Page - Texas Instruments TAS3103DBT Datasheet HTML 124Page - Texas Instruments TAS3103DBT Datasheet HTML 125Page - Texas Instruments TAS3103DBT Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 146 page
background image
4−6
4.4.4
Serial Audio Port Master Mode Signals Over Recommended Operating Conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
f(LRCLK)
Frequency LRCLK
8
96
kHz
tr(LRCLK)
Rise time, LRCLK
CL = 30 pF
11.4
ns
tf(LRCLK)
Fall time, LRCLK
CL = 30 pF
11.2
ns
f(SCLKOUT)
Frequency (1/tcyc), SCLKOUT1/SCLKOUT2
See Note 13
32FS
25
MHz
tr(SCLKOUT)
Rise time, SCLKOUT1/SCLKOUT2
CL = 30 pF
9.5
ns
tf(SCLKOUT)
Fall time, SCLKOUT1/SCLKOUT2
CL = 30 pF
9.8
ns
tpd1(SCLKOUT1) Propagation delay, SCLKOUT1 falling edge to LRCLK edge
4.1
ns
tpd1(SCLKOUT2) Propagation delay, SCLKOUT2 falling edge to LRCLK edge
4.3
ns
tpd2
Propagation delay, SCLKOUT2 falling edge to SDOUT
3.4
ns
tsu
Setup time, SDIN to SCLKOUT1 rising edge
18.4
ns
th
Hold time, SDIN from SCLKOUT1 rising edge
23
ns
tsk
Skew time, SCLKOUT1 to SCLKOUT2
0.8
3
ns
NOTE 13: Typical duty cycle is 50/50.
LRCLK
(Output)
SDOUT1
SDOUT2
SDIN1
SDIN2
SDIN3
SCLKOUT1
SCLKOUT2
tr(SCLKOUT)
tf(SCLKOUT)
tf(SCLKOUT)
tsk
tr(SCLKOUT)
tpd1(SCLKOUT2)
tpd1(SCLKOUT1)
tf(LRCLK), tr(LRCLK)
tpd2
tsu
th
SDOUT3
SDIN4
Figure 4−4. TAS3100 Serial Audio Port Master Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com