Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103DBT Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 145 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 138Page - Texas Instruments TAS3103DBT Datasheet HTML 139Page - Texas Instruments TAS3103DBT Datasheet HTML 140Page - Texas Instruments TAS3103DBT Datasheet HTML 141Page - Texas Instruments TAS3103DBT Datasheet HTML 142Page - Texas Instruments TAS3103DBT Datasheet HTML 143Page - Texas Instruments TAS3103DBT Datasheet HTML 144Page - Texas Instruments TAS3103DBT Datasheet HTML 145Page - Texas Instruments TAS3103DBT Datasheet HTML 146Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 145 / 146 page
background image
B−1
Appendix B
Mechanical Information
DBT (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
30 PINS SHOWN
0,75
0,25
0,50
0,15 NOM
Gage Plane
50
12,60
38
9,80
11,10
44
12,40
9,60
10,90
4073252/E 02/02
4,30
4,50
0,27
0,17
16
15
30
A
1
6,60
24
DIM
A MAX
PINS **
6,40
A MIN
1,20 MAX
6,60
6,20
Seating Plane
0,10
0,50
M
0,08
0
°−8°
5,10
20
4.90
0,15
0,05
7,90
30
7,70
7,90
28
7,70
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com