Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-008HR-R2 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-008HR-R2
Description  LED SMD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-008HR-R2 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-008HR-R2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings at Ta=25 ℃
Typical Electrical & Optical Characteristics (Ta=25 ℃)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Storage Temperature
Reverse Current @5V
Operating Temperature
Electrostatic Discharge
Topr
Tstg
ESD
Ir
Parameter
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Forward Current
PD
IF
IFP
Symbol
μA
℃
℃
-40 ~ +85
-40 ~ +100
2000
10
V
mA
mW
UNIT
mA
72
30
100
Ratings
Page 3/11
2.4
----
----
----
----
Max.
Spectral Line Half-Width
Luminous Intensity
Dominant Wavelength
Items
Viewing Angle
Forward Voltage
32
12.5
Iv
2θ 1/2
λD
△λ
VF
20
----
1.5
----
115
----
----
643
Symbol
Min.
Typ.
IF=20mA
mcd
IF=20mA
IF=20mA
IF=20mA
IF=20mA
nm
deg
V
nm
CONDITION
UNIT
----
PEAK Wavelength
λp
----
660
IF=20mA
nm
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3. The dominant wavelength data did not including ±1nm testing tolerance
PART NO. LG-008HR-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com