Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-008HR-R2 Datasheet(PDF) 12 Page - LIGITEK electronics co., ltd.

Part # LG-008HR-R2
Description  LED SMD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-008HR-R2 Datasheet(HTML) 12 Page - LIGITEK electronics co., ltd.

Back Button LG-008HR-R2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1.T.Sol=260 ℃±5℃
2.Dwell Time= 10 Max.
Environmental
Test
Criteria for Judgement
Note:
1.U.S.L.:Upper Standard Level.
2.L.S.L.:Lower Standard Level.
(2)Criteria for judging the damage
Forward Voltage
Reverse Current
Luminous Intensity
Test Conditions
If=20mA
Vr=5V
If=20mA
Iv
Ir
Item
Vf
Symbol
L.S.L x 0.5
-
Min.
-
0
30mins
~
℃
Reflow Soldering Test
Temperature
Cycling
2.10
1.105
5mins 30mins
~ -
℃
Cyeles
1
25
℃
40
-
U.S.L x2.0
Max.
U.S.L x1.2
22
22
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Test Condition
Test Item
Classification
(1)Test items and results
Endurance
Test
Low Temperature
Storage Test
1.Ta=-40 ℃±5℃
2.t=1000 hrs
1000
3.RH=90
60
1.IR-Reflow In-Board, 2 Times
3.total
min) (
±
℃
2.Ta=105
1.IR-Reflow In-Board,2 times
Thermal Shock Test
30
(
-40
High Temperature
High Humidity
Storage Test
4.t=
2.Ta=
min)
30
cycles
100
℃
5
&
℃
5
±
℃
2hrs
±
hrs
%
%~95
℃
5
±
℃
1000
1.Ta=105
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs
High Temperature
Storage Test
2.t=
Operating Life Test
hrs
℃
5
±
℃
Reliability Test:
Sample
Size
22
22
22
22
22
Page 11/11
PART NO. LG-008HR-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com