Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-008HR-R2 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-008HR-R2
Description  LED SMD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-008HR-R2 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-008HR-R2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-008HR-R2 Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Precautions For Use:
Storage time:
1.The operation of Temperatures and RH are : 5℃~35,RH60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5 ℃ ~ 35,RH60%,
they should be treated at 60 ±
5 fo r 15hrs.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forward
current should not be allowed to change by more than 40% of its desired value.
Circuit model B
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Circuit model A
LED
LED
Page 10/11
PART NO. LG-008HR-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com