Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5632IM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632IM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC5632IM Datasheet HTML 6Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
±5V Typical Performance Characteristics (A
V = +2, RL = 100Ω,VCC = ±5V; Unless
Specified) (Continued)
2nd & 3rd Harmonic Distortion vs. Frequency
DS015003-27
2nd & 3rd Harmonic Distortion, R
L =25Ω
Output Amplitude (Vpp)
01
2
3
4
5
-90
-80
-70
-60
-50
-40
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
DS015003-28
2nd & 3rd Harmonic Distortion, R
L = 100Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-95
-90
-85
-80
-75
-70
-65
-60
-55
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
DS015003-29
2nd & 3rd Harmonic Distortion, R
L =1kΩ
Output Amplitude (Vpp)
01
2
3
4
5
-110
-100
-90
-80
-70
-60
-50
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
DS015003-30
Short Term Settling Time
Time (ns)
1
10
100
1000
10000
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
DS015003-31
Long Term Settling Time
Time (s)
1
µ
10
µ
100
µ
1m
100m
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
10m
DS015003-32
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com