Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5632IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5632IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
±5V Typical Performance Characteristics (A
V = +2, RL = 100Ω,VCC = ±5V; Unless
Specified) (Continued)
Application Division
CLC5632 Operation
The CLC5632 is a current feedback buffer fabricated in an
advanced complementary bipolar process. The CLC5632
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the CLC5632 has the
following features:
•
Gains of ±1, −1, and 2V/V are achievable without exter-
nal resistors
•
Provides 100mA of output current while consuming only
15mW of power
•
Offers low −79/−81dBc 2nd & 3rd harmonic distortion
•
Provides BW80MHz and 1MHz distortion <−75dBc at V
O
=2V
PP
The CLC5632 performance is further enhanced in ±5V sup-
ply applications as indicated in the ±5V Electrical Charac-
teristics table and the ±5V Typical Performance plots.
If gains other than +1, −1, or +2V/V are required, then the
CLC5602 can be used. The CLC5602 is a current feedback
amplifier with near identical performance and allows for ex-
ternal feedback and gain setting resistors.
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
•
Independence of AC bandwidth and voltage gain
•
Inherently stable at unit gain
•
Adjustable frequency response with feedback resistor
•
High slew rate
•
Fast Settling
Current feedback operation can be described using a simple
equation. The voltage gain for non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
(1)
where:
•
A
V is the closed loop DC voltage gain
•
R
f is the feedback resistor
•
Z(j
ω) is the CLC5632’s open loop transimpedance gain
I
BN &VOS vs. Temperature
Temperature (
ϒC)
-60
-20
20
60
100
140
2.8
0
3.0
0.5
3.2
1.0
3.4
1.5
3.6
2.0
3.8
2.5
4.0
3.0
IBN
VOS
DS015003-33
Channel Matching
Frequency (Hz)
1M
10M
100M
Channel 1
Channel 2
V0 = 1Vpp
DS015003-34
Input Referred Crosstalk
Frequency (Hz)
1M
10M
100M
-120
-100
-80
-60
-40
-20
Vo = 1Vpp
DS015003-35
Pulse Crosstalk
Time (10ns/div)
Active Output
Channel
Inactive Output
Channel
DS015003-36
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com