Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5632IM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632IM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC5632IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Division (Continued)
•
Z(j
ω)/R
f is the loop gain
The denominator of Equation 1 is approximately equal to 1 at
low frequencies. Near the −3dB corner frequency, the inter-
action between R
f and Z(jω) dominates the circuit perfor-
mance. The value of the feedback resistor has a large affect
on the circuits performance. Increasing R
f has the following
affects:
•
Decreases loop gain
•
Decreases bandwidth
•
Reduces gain peaking
•
Lowers pulse response overshoot
•
Affects frequency response phase linearity
CLC5632 Design Information
Closed Loop Gain Selection
The CLC5632 is a current feedback op amp with R
f =Rg =
1k
Ω on chip (in the package). Select from three closed loop
gains without using any external gain or feedback resistors.
Implement gains of +2, +1, and −1V/V by connecting pins 2
and 3 (or 5 and 6) as described in the chart below.
Gain A
V
Input Connections
Non-Inverting (pins 3, 5)
Inverting (pins 2, 6)
−1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground
The gain accuracy of the CLC5632 is excellent and stable
over temperature change. The internal gain setting resistors,
R
f and Rg are diffused silicon resistors with a process varia-
tion of ± 20% and a temperature coefficient of - 2000ppm/˚C.
Although their absolute values change with processing and
temperature, their ratio (R
f/Rg) remains constant. If an exter-
nal resistor is used in series with R
g, gain accuracy over
temperature will suffer.
Single Supply Operation (V
CC = +5V, VEE = GND)
The specifications given in the +5V Electrical Characteris-
tics table for single supply operation are measured with a
common mode voltage (V
CM) of 2.5V. VCM is the voltage
around which the inputs are applied and the output voltages
are specified.
Operating from a single +5V supply, the Common Mode
Input Range (CMIR) of the CLC5632 is typically +0.8V to
+4.2V. The typical output range with R
L = 100Ω is +1.0V to
+4.0V.
For single supply DC coupled operation, keep input signal
levels above 0.8V DC, AC coupling and level shifting the
signal are recommended. The non-inverting and inverting
configurations for both input conditions are illustrated in the
following 2 sections.
DC Coupled Single Supply Operation
Figure 1, Figure 2, and Figure 3 on the following page, show
the recommended configurations for input signals that re-
main above 0.8V DC.
DS015003-39
FIGURE 1. DC Coupled, A
V = −1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
Vo
RL
Vcm
0.1
µF
6.8
µF
Vin
Rt
+
Vcm
VCC
Note: Rt and RL are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 not shown.
DS015003-40
FIGURE 2. DC Coupled, A
V = +1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
Vo
RL
Vcm
0.1
µF
6.8
µF
Vin
Rt
+
Vcm
VCC
Note: Rt, RL and Rg are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 not shown.
Vcm
DS015003-41
FIGURE 3. DC Coupled, A
V = +2V/V Configuration
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com