Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT5020P9 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ALT5020P9
Description  High Efficiency UMTS E800 (Band 20) LTE Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT5020P9 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ALT5020P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 10Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
advanced product information - rev 0.0
09/2013
ALT5020
figure 5: package outline - 10 pin 3 mm x 3 mm x 0.94 mm Surface mount module
Figure 6: Branding Specification
PACKAGE OUTLINE
5020
LLLLNN
YYWWCC
Pin 1 Identifier
Part Number
Date Code
YY=Year; WW=Work week
Country Code (CC)
Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com