Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT5020P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ALT5020P9
Description  High Efficiency UMTS E800 (Band 20) LTE Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT5020P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ALT5020P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
advanced product information - rev 0.0
09/2013
ALT5020
figure 2: pinout (X-ray Top view)
Table 1: pin Description
VBATT
RFIN
VMODE2
VMODE1
VEN
1
2
3
4
56
7
8
9
10
CPLOUT
GND
CPLIN
RFOUT
VCC
1
2
3
4
56
7
8
9
10
PIN
NAME
DESCRIPTION
1VBATT
Battery Voltage
2RFIN
RF Input
3VMODE2
Mode Control Voltage 2
4VMODE1
Mode Control Voltage 1
5VEN
PA Enable Voltage
6
7GND
Ground
8
9RFOUT
RF Output
10
VCC
Supply Voltage
CPLOUT
CPLIN
Coupler Output
Coupler Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com