Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT5020P9 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ALT5020P9
Description  High Efficiency UMTS E800 (Band 20) LTE Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT5020P9 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ALT5020P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
09/2013
ALT5020
ALT5020
High Efficiency
UMTS E800 (Band 20)
LTE Linear PAM
ADvAnceD proDucT informATion - rev 0.0
10 pin 3 mm x 3 mm x 0.9 mm
Surface mount module
figure 1: Block Diagram
feATureS
• LTE Compliant
• High Efficiency (LTE waveform):
• 42% @ POUT = +27.7 dBm
• Optimized for SMPS Supply
• Low Leakage Current in Shutdown Mode: <5 µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler
with CPLIN and CPLOUT Ports
• Optimized for a 50 Ω System
• Internal DC blocks on IN/OUT RF ports
• 1.8 V Control Logic
• RoHS Compliant Package, 260 oC MSL-3
AppLicATionS
• Wireless Handsets and Data Devices for:
• LTE (B20)
proDucT DeScripTion
The ALT5020 PA is designed to provide highly linear
output for LTE handsets and data devices with high
efficiency at high power mode. This ANADIGICS PA
can be used with an external switch mode power
supply (SMPS) to improve its efficiency and reduce
current consumption further at high and low output
powers. The device is manufactured on an advanced
InGaP HBT MMIC technology offering state-of-the-
art reliability, temperature stability, and ruggedness.
There are three selectable bias modes that optimize
efficiency for different output power levels, and a
shutdown mode with low leakage current, which
increases handset talk and standby time. The self-
contained 3 mm x 3 mm x 0.9 mm surface mount
package incorporates matching networks optimized for
output power, efficiency, and linearity in a 50 Ω system.
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - ALT5020P9

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALT EMERSON-NETWORKPOWER-ALT Datasheet
156Kb / 2P
25W Single and 30W Dual output
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
TTL compatible
logo
M-System Co.,Ltd.
ALT MSYSTEM-ALT Datasheet
136Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT-100-1-SW LITTELFUSE-ALT-100-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
More results

Similar Description - ALT5020P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6713 ANADIGICS-ALT6713 Datasheet
664Kb / 10P
HELP4 UMTS700 (Bands 13 & 14) LTE Linear PAM
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
HELP4 E800 (Band 20) LTE Linear PAM
Rev 2.3
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
logo
Broadcom Corporation.
ACPM-9001-LT1 BOARDCOM-ACPM-9001-LT1 Datasheet
169Kb / 3P
LTE/UMTS Band 1, TD-SCDMA/LTE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com