Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1921 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1921
Description  High-Resolution Thermochron iButton
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1921 Datasheet HTML 1Page - Dallas Semiconductor DS1921 Datasheet HTML 2Page - Dallas Semiconductor DS1921 Datasheet HTML 3Page - Dallas Semiconductor DS1921 Datasheet HTML 4Page - Dallas Semiconductor DS1921 Datasheet HTML 5Page - Dallas Semiconductor DS1921 Datasheet HTML 6Page - Dallas Semiconductor DS1921 Datasheet HTML 7Page - Dallas Semiconductor DS1921 Datasheet HTML 8Page - Dallas Semiconductor DS1921 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1 of 44
051104
DS1921H/Z
High-Resolution Thermochron iButton
Range H: +15°C to +46°C; Z: -5°C to +26°C
www.maxim-ic.com
SPECIAL FEATURES
Digital thermometer measures temperature in
1/8°C increments with ±1°C accuracy
Built-in real-time clock (RTC) and timer has
accuracy of
±2 minutes per month from 0°C
to 45°C
Automatically wakes up and measures
temperature at user-programmable intervals
from 1 to 255 minutes
Logs up to 2048 consecutive temperature
measurements in protected nonvolatile (NV)
random access memory
Records a long-term temperature histogram
with 1/2°C resolution
Programmable temperature-high and
temperature-low alarm trip points
Records up to 24 time stamps and durations
when temperature leaves the range specified
by the trip points
512 bytes of general-purpose read/write NV
random access memory
Communicates to host with a single digital
signal at 15.4kbits or 125kbits per second
using 1-Wire
® protocol
Fixed range: H: +15
°C to +46°C;
Z: -5
°C to +26°C
COMMON iButton FEATURES
Digital identification and information by
momentary contact
Unique, factory-lasered and tested 64-bit reg-
istration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures ab-
solute traceability because no two parts are
alike
Multidrop controller for 1-Wire net
Chip-based data carrier compactly stores
information
Data can be accessed while affixed to object
Button shape is self-aligning with cup-shaped
probes
Durable stainless steel case engraved with
registration number withstands harsh
environments
Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
Presence detector acknowledges when reader
first applies voltage
Meets UL#913 (4th Edit.). Intrinsically Safe
Apparatus: approved under Entity Concept
for use in Class I, Division 1, Group A, B, C,
and D Locations (application pending)
F5 MICROCAN
IO
GND
0.51
5.89
16.25
17.35
D6
21
3B2000FBC52B
1-Wire
Thermochron®
All dimensions are shown in millimeters.
ORDERING INFORMATION
DS1921H-F5
+15
°C to +46°C
F5 iButton
®
DS1921Z-F5
-5
°C to +26°C
F5 iButton
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
1-Wire, Microcan, and iButton are registered trademarks of Dallas Semiconductor.


Similar Part No. - DS1921

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1921 TTELEC-DS1921 Datasheet
306Kb / 1P
Ball Flow Indicator
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G MAXIM-DS1921G Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS1921G MAXIM-DS1921G Datasheet
472Kb / 42P
Thermochron iButton
Rev 5; 9/11
More results

Similar Description - DS1921

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
Thermochron iButton
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
Thermochron iButton
Rev 5; 9/11
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
High-Resolution Thermochron iButton
Rev 8/09
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
High-Resolution Thermochron iButton
Rev 12/11
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
Thermochron iButton Device
2015
DS1921H MAXIM-DS1921H_V01 Datasheet
729Kb / 45P
High-Resolution Thermochron iButton Devices
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44