Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP888EB Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 32Page - National Semiconductor (TI) COP888EB Datasheet HTML 33Page - National Semiconductor (TI) COP888EB Datasheet HTML 34Page - National Semiconductor (TI) COP888EB Datasheet HTML 35Page - National Semiconductor (TI) COP888EB Datasheet HTML 36Page - National Semiconductor (TI) COP888EB Datasheet HTML 37Page - National Semiconductor (TI) COP888EB Datasheet HTML 38Page - National Semiconductor (TI) COP888EB Datasheet HTML 39Page - National Semiconductor (TI) COP888EB Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
Frame Formats (Continued)
SYNCHRONIZATION
Every receiver starts with a “hard synchronization” on the
falling edge of the SOF bit. One bit time consists of four bit
segments: Synchronization segment, propagation segment,
phase segment 1 and phase segment 2.
A falling edge of the data signal should be in the synchroni-
zation segment. This segment has the fixed length of one
time quanta. To compensate for the various delays within a
network, the propagation segment is used. Its length is pro-
grammable from 1 to 8 time quanta. Phase segment 1 and
phase segment 2 are used to resynchronize during an active
frame. The length of these segments is from 1 to 8 time
quanta long.
Two types of synchronization are supported:
Hard synchronization is done with the falling edge on the
bus while the bus is idle, which is then interpreted as the
SOF. It restarts the internal logic.
Soft synchronization is used to lengthen or shorten the bit
time while a data or remote frame is received. Whenever a
falling edge is detected in the propagation segment or in
phase segment 1, the segment is lengthened by a specific
value, the resynchronization jump width (see
Figure 29 ).
If a falling edge lies in the phase segment 2 (as shown in
Fig-
ure 29 ) it is shortened by the resynchronization jump width.
Only one resynchronization is allowed during one bit time.
The sample point lies between the two phase segments and
is the point where the received data is supposed to be valid.
The transmission point lies at the end of phase segment 2 to
start a new bit time with the synchronization segment.
1.
The resynchronization jump width (RJW) is automati-
cally determined from the programmed value of PS. If a
soft resynchronization is done during phase segment 1
or the propagation segment, then RJW will either be
equal to 4 internal CAN clocks (CKI/(1
+ divider))orthe
programmed value of PS, whichever is less. PS2 will
never be shorter than 1 internal CAN clock.
2.
(PS1 — BTL settings any PSC setting) The PS1 of the
BTL should always be programmed to values greater
than 1. To allow device resynchronization for positive
and negative phase errors on the bus. (if PS1 is pro-
grammed to one, a bit time could only be lengthened
and never shortened which basically disables half of the
synchronization).
DS012837-32
FIGURE 27. CAN Bus States
DS012837-33
A) Synchronization segment
B) Propagation segment
FIGURE 28. Bit Timing
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com