Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68SDIL Datasheet(PDF) 49 Page - Motorola, Inc

Part # M68SDIL
Description  Advance Information - Rev 4.0
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 49 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 45Page - Motorola, Inc M68SDIL Datasheet HTML 46Page - Motorola, Inc M68SDIL Datasheet HTML 47Page - Motorola, Inc M68SDIL Datasheet HTML 48Page - Motorola, Inc M68SDIL Datasheet HTML 49Page - Motorola, Inc M68SDIL Datasheet HTML 50Page - Motorola, Inc M68SDIL Datasheet HTML 51Page - Motorola, Inc M68SDIL Datasheet HTML 52Page - Motorola, Inc M68SDIL Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 432 page
background image
Pinout and Signal Descriptions
Signal Descriptions
68HC(9)12D60 — Rev 4.0
Advance Information
MOTOROLA
Pinout and Signal Descriptions
49
3.5.8 External Address and Data Buses (ADDR[15:0] and DATA[15:0])
External bus pins share function with general-purpose I/O ports A and B.
In single-chip operating modes, the pins can be used for I/O; in
expanded modes, the pins are used for the external buses.
In expanded wide mode, ports A and B are used for multiplexed 16-bit
data and address buses. PA[7:0] correspond to
ADDR[15:8]/DATA[15:8]; PB[7:0] correspond to ADDR[7:0]/DATA[7:0].
In expanded narrow mode, ports A and B are used for the16-bit address
bus, and an 8-bit data bus is multiplexed with the most significant half of
the address bus on port A. In this mode, 16-bit data is handled as two
back-to-back bus cycles, one for the high byte followed by one for the
low byte. PA[7:0] correspond to ADDR[15:8] and to DATA[15:8] or
DATA[7:0], depending on the bus cycle. The state of the address pin
should be latched at the rising edge of E. To allow for maximum address
setup time at external devices, a transparent latch should be used.
3.5.9 Read/Write (R/W)
In all modes this pin can be used as general-purpose I/O and is an input
with an active pull-up out of reset. If the read/write function is required it
should be enabled by setting the RDWE bit in the PEAR register.
External writes will not be possible until enabled.
3.5.10 Low-Byte Strobe (LSTRB)
In all modes this pin can be used as general-purpose I/O and is an input
with an active pull-up out of reset. If the strobe function is required, it
should be enabled by setting the LSTRE bit in the PEAR register. This
signal is used in write operations and so external low byte writes will not
be possible until this function is enabled. This pin is also used as TAGLO
in Special Expanded modes and is multiplexed with the LSTRB function.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com