Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68SDIL Datasheet(PDF) 94 Page - Motorola, Inc

Part # M68SDIL
Description  Advance Information - Rev 4.0
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 94 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 90Page - Motorola, Inc M68SDIL Datasheet HTML 91Page - Motorola, Inc M68SDIL Datasheet HTML 92Page - Motorola, Inc M68SDIL Datasheet HTML 93Page - Motorola, Inc M68SDIL Datasheet HTML 94Page - Motorola, Inc M68SDIL Datasheet HTML 95Page - Motorola, Inc M68SDIL Datasheet HTML 96Page - Motorola, Inc M68SDIL Datasheet HTML 97Page - Motorola, Inc M68SDIL Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 432 page
background image
Bus Control and Input/Output
Advance Information
68HC(9)12D60 — Rev 4.0
94
Bus Control and Input/Output
MOTOROLA
PIPOE — Pipe Status Signal Output Enable
Normal: write once; Special: write anytime EXCEPT the first time.
Read anytime.
0 = PE[6:5] are general-purpose I/O (if CGMTE = 1, PE6 is a test
output signal from the CGM module).
1 = PE[6:5] are outputs and indicate the state of the instruction
queue (only effective in expanded modes).
NECLK — No External E Clock
Normal single chip: write once; special single chip: write anytime; all
other modes: write never. Read anytime. In peripheral mode, E is an
input and in all other modes, E is an output.
0 = PE4 is the external E-clock pin subject to the following
limitation: In single-chip modes, to get an E clock output signal,
it is necessary to have ESTR = 0 in addition to NECLK = 0.
1 = PE4 is a general-purpose I/O pin.
LSTRE — Low Strobe (LSTRB) Enable
Normal: write once; Special: write anytime EXCEPT the first time.
Read anytime. This bit has no effect in single-chip modes or normal
expanded narrow mode.
0 = PE3 is a general-purpose I/O pin.
1 = PE3 is configured as the LSTRB bus-control output, provided
the MCU is not in single chip or normal expanded narrow
modes.
LSTRB is used during external writes. After reset in normal expanded
mode, LSTRB is disabled. If needed, it should be enabled before
external writes. External reads do not normally need LSTRB because
all 16 data bits can be driven even if the MCU only needs 8 bits of
data.
In normal expanded narrow mode this pin is reset to an output driving
high allowing the pin to be an output while in and immediately after
reset.
TAGLO is a shared function of the PE3/LSTRB pin. In special
expanded modes with LSTRE set and the BDM tagging on, a zero at
the falling edge of E tags the instruction word low byte being read into
the instruction queue.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com