Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447 Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F447 Datasheet HTML 35Page - Texas Instruments MSP430F447 Datasheet HTML 36Page - Texas Instruments MSP430F447 Datasheet HTML 37Page - Texas Instruments MSP430F447 Datasheet HTML 38Page - Texas Instruments MSP430F447 Datasheet HTML 39Page - Texas Instruments MSP430F447 Datasheet HTML 40Page - Texas Instruments MSP430F447 Datasheet HTML 41Page - Texas Instruments MSP430F447 Datasheet HTML 42Page - Texas Instruments MSP430F447 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
A/D converter
The 12-bit analog-to-digital converter (ADC) uses a 10-bit weighted capacitor array plus a 2-bit resistor string.
The CMOS threshold detector in the successive-approximation conversion technique determines each bit by
examining the charge on a series of binary-weighted capacitors. The features of the ADC are:
D 12-bit converter with ±1-LSB linearity
D Built-in sample-and-hold
D Eight external and four internal analog channels. The external ADC input terminals are shared with digital
port I/O pins.
D Internal reference voltage VREF+ of 1.5 V or 2.5 V, software-selectable by control bit 2_5V
D Internal-temperature sensor for temperature measurement:
–
T = [V_SENSOR(T) – V_SENSOR(0
°C)] / TC_SENSOR in °C
D Battery-voltage measurement: N = 0.5 × (AVCC – AVSS) × 4096/1.5 V; VREF+ is selected for 1.5 V.
D Source of positive reference voltage level (VR+) can be selected as internal (1.5 V or 2.5 V), external, or
AVCC. The source is selected individually for each channel.
D Source of negative reference voltage level (VR-) can be selected as external or AVSS. The source is selected
individually for each channel.
D Conversion time can be selected from various clock sources: ACLK, MCLK, SMCLK, or the internal
ADC12CLK oscillator. The clock source is divided by an integer from 1 to 8, as selected by software.
D Channel conversion: individual channels, a group of channels, or repeated conversion of a group of
channels. If conversion of a group of channels is selected, the sequence, the channels, and the number
of channels in the group can be defined by software. For example, a1-a2-a5-a2-a2-
….
D The conversion is enabled by the ENC bit, and can be triggered by software via sample and conversion
control bit ADC12SC, Timer_A3, or Timer_Bx. Most of the control bits can be modified only if the ENC
control bit is low. This prevents unpredictable results caused by unintended modification.
D Sampling time can be 4 × n0 × ADC12CLK or 4 × n1 × ADC12CLK. It can be selected to sample as long
as the sample signal is high (ISSH=0) or low (ISSH=1). SHT0 defines n0 and SHT1 defines n1.
D The conversion result is stored in one of 16 registers. The 16 registers have individual addresses and can
be accessed via software. Each of the 16 registers is linked to an 8-bit register that defines the positive and
negative reference source and the channel assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com