Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F447 Datasheet HTML 9Page - Texas Instruments MSP430F447 Datasheet HTML 10Page - Texas Instruments MSP430F447 Datasheet HTML 11Page - Texas Instruments MSP430F447 Datasheet HTML 12Page - Texas Instruments MSP430F447 Datasheet HTML 13Page - Texas Instruments MSP430F447 Datasheet HTML 14Page - Texas Instruments MSP430F447 Datasheet HTML 15Page - Texas Instruments MSP430F447 Datasheet HTML 16Page - Texas Instruments MSP430F447 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
instruction set (continued)
Table 2. Address Mode Descriptions
ADDRESS MODE
S
D
SYNTAX
EXAMPLE
OPERATION
Register
n n
MOV Rs,Rd
MOV R10,R11
R10
––> R11
Indexed
n n
MOV X(Rn),Y(Rm)
MOV 2(R5),6(R6)
M(2+R5)––> M(6+R6)
Symbolic (PC relative)
n n
MOV EDE,TONI
M(EDE) ––> M(TONI)
Absolute
n n
MOV and MEM,and
TCDAT
M(MEM) ––> M(TCDAT)
Indirect
n
MOV @Rn,Y(Rm)
MOV @R10,Tab(R6)
M(R10) ––> M(Tab+R6)
Indirect
autoincrement
n
MOV @Rn+,Rm
MOV @R10+,R11
M(R10) ––> R11
R10 + 2––> R10
Immediate
n
MOV #X,TONI
MOV #45,TONI
#45
––> M(TONI)
NOTE: S = source
D = destination
Computed branches (BR) and subroutine call (CALL) instructions use the same address modes as other
instructions. These address modes provide indirect addressing, which is ideally suited for computed branches
and calls. The full use of this programming capability results in a program structure which is different from
structures used with conventional 8- and 16-bit controllers. For example, numerous routines can be easily
designed to deal with pointers and stacks instead of using flag-type programs for flow control.
operating modes
The MSP430 operating modes support various advanced requirements for ultralow power and ultralow energy
consumption. The intelligent management of the operations during the different module operation modes and
CPU states achieves this. The requirements are fully supported during interrupt event handling. An interrupt
event awakens the system from each of the various operating modes and returns with the RETI instruction to
the mode that was selected before the interrupt event. The clocks used are ACLK, SMCLK and MCLK.
ACLK is the crystal frequency, MCLK and SMCLK are either multiples of ACLK or come from the crystal
oscillators. MCLK and SMCLK are used as the system clock and subsystem clock.
The software can configure six operating modes:
D Active mode AM; SCG1=0, SCG0=0, OscOff=0, CPUOff=0:
CPU clocks are active
D Low-power mode 0 (LPM0); SCG1=0, SCG0=0, OscOff=0, CPUOff=1:
–
CPU is disabled
ACLK and SMCLK remain active. MCLK is disabled
FLL+ Loop control remains active
D Low-power mode 1 (LPM1); SCG1=0, SCG0=1, OscOff=0, CPUOff=1:
–
CPU is disabled
FLL+ Loop control is disabled
ACLK and SMCLK remain active. MCLK is disabled
D Low-power mode 2 (LPM2); SCG1=1, SCG0=0, OscOff=0, CPUOff=1:
–
CPU is disabled
MCLK and FLL+ loop control and DCOCLK are disabled
DCO’s dc-generator remains enabled
ACLK remains active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com