| Electronic Components Datasheet Search |
|
MSP430F447 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F447 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 85 page ![]() MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 interrupt vector addresses The interrupt vectors and the power-up starting address are located in the address range 0FFFFh – 0FFE0h. The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence. Table 3. Interrupt Sources, Flags, and Vectors of 4xx Configurations INTERRUPT SOURCE INTERRUPT FLAG SYSTEM INTERRUPT WORD ADDRESS PRIORITY Power-up External Reset Watchdog Flash memory WDTIFG KEYV (see Note 1) Reset 0FFFEh 15, highest NMI Oscillator Fault Flash memory access violation NMIIFG (see Notes 1 and 3) OFIFG (see Notes 1 and 3) ACCVIFG (see Notes 1 and 3) (Non)maskable (Non)maskable (Non)maskable 0FFFCh 14 Timer_B7† CCIFG0 (see Note 2) Maskable 0FFFAh 13 Timer_B7† CCIFG1 to CCIFG6 TBIFG (see Notes 1 and 2) Maskable 0FFF8h 12 Comparator_A CAIFG Maskable 0FFF6h 11 Watchdog Timer WDTIFG Maskable 0FFF4h 10 USART0 receive URXIFG0 Maskable 0FFF2h 9 USART0 transmit UTXIFG0 Maskable 0FFF0h 8 ADC ADCIFG (see Notes 1 and 2) Maskable 0FFEEh 7 Timer_A3 CCIFG0 (see Note 2) Maskable 0FFECh 6 Timer_A3 CCIFG1, CCIFG2, TAIFG (see Notes 1 and 2) Maskable 0FFEAh 5 I/O port P1 (eight flags) P1IFG.0 (see Notes 1 and 2) To P1IFG.7 (see Notes 1 and 2) Maskable 0FFE8h 4 USART1 receive‡ URXIFG1 Maskable 0FFE6h 3 USART1 transmit‡ UTXIFG1 Maskable 0FFE4h 2 I/O port P2 (eight flags) P2IFG.0 (see Notes 1 and 2) To P2IFG.7 (see Notes 1 and 2) Maskable 0FFE2h 1 Basic Timer1 BTIFG Maskable 0FFE0h 0, lowest ‡ ’43x uses Timer_B3 with CCIFG0, CCIFG1 to CCIFG2 flags, and TBIFG. ’44x uses Timer_B7 with CCIFG0, CCIFG1 to CCIFG6, and TBIFG ‡ USART1 is implemented in ’44x only. NOTES: 1. Multiple source flags 2. Interrupt flags are located in the module. 3. (Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable can not disable it. special function registers Most interrupt and module-enable bits are collected in the lowest address space. Special-function register bits not allocated to a functional purpose are not physically present in the device. This arrangement provides simple software access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |