Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 36Page - Texas Instruments MSP430F447IPZ Datasheet HTML 37Page - Texas Instruments MSP430F447IPZ Datasheet HTML 38Page - Texas Instruments MSP430F447IPZ Datasheet HTML 39Page - Texas Instruments MSP430F447IPZ Datasheet HTML 40Page - Texas Instruments MSP430F447IPZ Datasheet HTML 41Page - Texas Instruments MSP430F447IPZ Datasheet HTML 42Page - Texas Instruments MSP430F447IPZ Datasheet HTML 43Page - Texas Instruments MSP430F447IPZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
A/D converter (continued)
P6.0/A0
P6.1/A1
P6.2/A2
P6.3/A3
P6.4/A4
P6.5/A5
P6.6/A6
Analog
Multi-
plexer
12 : 1
VREF+
Sample
and
Hold
ACLK
MCLK
SMCLK
ADC12OSC
Internal
Oscillator
ADC12CLK
S/H
Divide by
1,2,3,4,5,6,7,8
Sampling
Timer
a8
a9
a10
a11
ADC12DIV
REFON
2_5V
ISSH
SHP
ADC12CTLx.0..3
ADC12CTLx.4..6
T
SHT1
SHT0
ADC12ON
ADC12SSEL
VeREF
VREF+
VERF–/VeREF–
VR+
VR–
Conversion CTL
MSC
Ref_X
INCH= 0Ah
Ref_X
SAMPCON
Reference
on
on
0140h
0142h
015Ch
015Eh
080h
081h
08Eh
08Fh
ADC12MEM0
ADC12MEM1
ADC12MEM14
ADC12MEM15
ADC Memory (leading bits 15 to 12
ADC Memory Control
ADC12MEM10
ADC12MEM9
ADC12MEM8
ADC12MEM6
ADC12MEM7
ADC12MEM5
ADC12MEM11
ADC12MEM4
ADC12MEM3
ADC12MEM2
ADC12MEM12
ADC12MEM13
ADC12CTL0
ADC12CTL1
ADC12CTL2
ADC12CTL3
ADC12CTL4
ADC12CTL5
ADC12CTL6
ADC12CTL7
ADC12CTL8
ADC12CTL9
ADC12CTL10
ADC12CTL11
ADC12CTL12
ADC12CTL13
ADC12CTL14
ADC12CTL15
082h
083h
084h
085h
086h
088h
087h
089h
08Ah
08Bh
08Ch
08Dh
0144h
0146h
0148h
014Ah
014Ch
014Eh
0150h
0152h
0154h
0156h
0158h
015Ah
SHI
SHS
ENC
ADC12SC
Timer_A3.Out
Timer_Bx.Out
Timer_Bx.Out
SYNC
P2.6/ADC12CLK
1.5 V or 2.5 V
AVSS
AVCC
AVSS
AVCC
12-bitA/D Converter Core
AVCC
AVSS
12-Bit SAR
16 x 12-bit
16 x 8-bit
are 0)
P6.7/A.7/
SVSin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com