Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 59Page - Texas Instruments MSP430F447IPZ Datasheet HTML 60Page - Texas Instruments MSP430F447IPZ Datasheet HTML 61Page - Texas Instruments MSP430F447IPZ Datasheet HTML 62Page - Texas Instruments MSP430F447IPZ Datasheet HTML 63Page - Texas Instruments MSP430F447IPZ Datasheet HTML 64Page - Texas Instruments MSP430F447IPZ Datasheet HTML 65Page - Texas Instruments MSP430F447IPZ Datasheet HTML 66Page - Texas Instruments MSP430F447IPZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
63
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
12-bit ADC, power supply and input range conditions (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
AVCC
Analog supply
voltage
AVCC and DVCC are connected together
AVSS and DVSS are connected together
V(AVSS) = V(DVSS) = 0 V
2.2
3.6
V
VCC( i )
0 mA
≤ I(Load) ≤ 0.5 mA
VREF+
VREF+ +
150 mV
VCC(min)
0.5 mA
≤ I(Load) ≤ 1.5 mA
VREF+
VREF+ +
350 mV
VO(REF )
Positive built-in
reference voltage
2_5 V = 1 for 2.5-V built-in
reference
2 5V=0for15 V built in
VCC = 3 V
2.4
2.5
2.6
V
VO(REF+)
reference voltage
output
2_5 V = 0 for 1.5-V built-in
reference
I(VREF+) ≤ I(VREF+_max)
VCC = 2.2 V/3 V
1.44
1.5
1.56
V
IL(VREF )
Load current out of
VCC = 2.2 V
0.01
–0.5
mA
IL(VREF+)
Load current out of
VREF+ terminal
VCC = 3 V
–1
mA
I(VREF+) = 500 µA ±100 µA
Analog input voltage 0 75 V;
VCC = 2.2 V
±2
LSB
I
†
Load-current
regulation VREF+
()
Analog input voltage ~0.75 V;
2_5 V = 0
VCC = 3 V
±2
IL(VREF+)†
regulation VREF+
terminal
I(VREF+) = 500 µA ± 100 µA
Analog input voltage ~1.25 V;
2_5 V = 1
VCC = 3 V
±2
LSB
I
‡
Load current
regulation VREF+
I(VREF+) =100 µA → 900 µA,
VCC = 3 V, ax ~0.5 x VREF+
C(VREF ) 5 µF
20
ns
IL(VREF+)‡
regulation VREF+
terminal
VCC = 3 V, ax ~0.5 x VREF+
Error of conversion result
≤ 1 LSB
C(VREF+) = 5 µF
20
ns
Vref(VREF+)
Positive external
reference voltage
input
VeREF+ > VeREF–/VeREF– (see Note 2)
1.4
V(AVCC)
V
Vref(VREF– /VeREF–)
Negative external
reference voltage
input
VeREF+ > VeREF–/VeREF– (see Note 3)
0
1.2
V
† Not production tested, limits characterized
‡ Not production tested, limits verified by design
NOTES:
1. The leakage current is defined in the leakage current table with P6.x/Ax parameter.
2. The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
3. The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
4. The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com