Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 64Page - Texas Instruments MSP430F447IPZ Datasheet HTML 65Page - Texas Instruments MSP430F447IPZ Datasheet HTML 66Page - Texas Instruments MSP430F447IPZ Datasheet HTML 67Page - Texas Instruments MSP430F447IPZ Datasheet HTML 68Page - Texas Instruments MSP430F447IPZ Datasheet HTML 69Page - Texas Instruments MSP430F447IPZ Datasheet HTML 70Page - Texas Instruments MSP430F447IPZ Datasheet HTML 71Page - Texas Instruments MSP430F447IPZ Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
68
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
JTAG, program memory and fuse
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
f
JTAG/T
t
TCK freq enc
VCC = 2.2 V
DC
5
MH
f(TCK)
JTAG/Test
(see Note 4)
TCK frequency
VCC = 3 V
DC
10
MHz
(see Note 4)
Pull-up resistors on TMS, TCK, TDI (see Note 1)
VCC = 2.2 V/3 V
25
60
90
k
Ω
V(FB)
JTAG/f
Fuse-blow voltage, F versions (see Note 3)
VCC = 2.2 V/3 V
6
7
V
I
JTAG/fuse
(see Note 2)
Supply current on TDI with fuse blown
100
mA
I(FB)
(see Note 2)
Time to blow the fuse
1
ms
I(DD-PGM)
F-versions only
Current from DVCC when programming is active
VCC = 2.7 V/3.6 V
3
5
mA
I(DD-Erase)
F versions only
(see Note 4)
Current from DVCC when erase is active
VCC = 2.7 V/3.6 V
3
5
mA
t(t ti )
F versions only
Write/erase cycles
104
105
cycles
t(retention)
F-versions only
Data retention TJ = 25°C
100
years
NOTES:
1. TMS, TDI, and TCK pull-up resistors are implemented in all F versions.
2. Once the fuse is blown, no further access to the MSP430 JTAG/test feature is possible. The JTAG block is switched to bypass mode.
3. The supply voltage to blow the fuse is applied to the TDI pin.
4. f(TCK) may be restricted to meet the timing requirements of the module selected. Duration of the program/erase cycle is determined
by f(FTG) applied to the flash timing controller. It can be calculated as follows:
t(word write) = 33 x 1/f(FTG)
t(segment write, byte 0) = 30 x 1/f(FTG)
t(segment write end sequence) =5 x 1/f(FTG)
t(mass erase) = 5296 x 1/f(FTG)
t(segment erase) = 4817 x 1/f(FTG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com