Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA016 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 22Page - STMicroelectronics STA016 Datasheet HTML 23Page - STMicroelectronics STA016 Datasheet HTML 24Page - STMicroelectronics STA016 Datasheet HTML 25Page - STMicroelectronics STA016 Datasheet HTML 26Page - STMicroelectronics STA016 Datasheet HTML 27Page - STMicroelectronics STA016 Datasheet HTML 28Page - STMicroelectronics STA016 Datasheet HTML 29Page - STMicroelectronics STA016 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
STA016A
26/43
Description :
This register specifies to the CD module the second
location requested.
6.9.8
SECTOR_REQ :
Address : 0x49 (73)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies to the CD module the sector lo-
cation requested.
6.9.9
MINUTE_SPENT :
Address : 0x4A (74)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of minute spent
from the beginning of the track. It is reset at the be-
ginning of a new track.
6.9.10 SECOND_SPENT :
Address : 0x4B (75)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of second spent
from the beginning of the track. It is resected at the
beginning of a new track.
6.9.11 SCANNING_TIME :
Address : 0x4C (76)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies in second (<60) the playing
time for each track in scanning mode.
6.9.12 PLAY_LIST_INDEX:
Address : 0x4D (77)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the index in the play list of the
song to enter in the play list, it is also a value between
1 and the maximum number of track in the directory.
6.9.13 PLAY_LIST_VALUE:
Address : 0x4E (78)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the song index in the directory
to enter in the play list, it is also a value between 1
and the maximum number of track in the directory.
6.9.14 CD_SONG_INFO_Cn :
Address : 0x86 (134) to 0xA5 (165)
Type : RO - AEC
Software Reset : 0
Description :
This register contains the nth character of the song
info required (ASCII code).
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com