Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA016 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 2Page - STMicroelectronics STA016 Datasheet HTML 3Page - STMicroelectronics STA016 Datasheet HTML 4Page - STMicroelectronics STA016 Datasheet HTML 5Page - STMicroelectronics STA016 Datasheet HTML 6Page - STMicroelectronics STA016 Datasheet HTML 7Page - STMicroelectronics STA016 Datasheet HTML 8Page - STMicroelectronics STA016 Datasheet HTML 9Page - STMicroelectronics STA016 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
STA016A
6/43
HANDSHAKE SIGNALS
60
STB
I
Strobe signal
From MCU
59
RQST
O
I2C data signal
To MCU
I2C LINK
63
SCL
I
I2C clock signal
From MCU
64
SDA
I/O
I2C data signal
To MCU
MISCELLANEOUS
17
XTI
I
Oscillator input
18
XTO
O
Oscillator output
25
CLKOUT
O
Buffered output clock
15
-RESET
I
Reset
16
-TESTEN
I
Reserved for test purpose
40
FILT0
I
PLL external filter
38
FILT1
PLL external filter
POWER SUPPLY
39
PLL_VCC
Digital supply (2.5V Power Supply)
41
PLL_GND
Ground
5
VDD_1
Digital supply (2.5V Power Supply)
10
VDD_2
Digital supply (2.5V Power Supply)
29
VDD_3
Digital supply (2.5V Power Supply)
36
VDD_4
Digital supply (2.5V Power Supply)
53
VDD_5
Digital supply (2.5V Power Supply)
62
VDD_6
Digital supply (2.5V Power Supply)
23
VCC_1
Digital supply (3.3V Power Supply)
42
VCC_2
Digital supply (3.3V Power Supply)
58
VCC_3
Digital supply (3.3V Power Supply)
6
VSS_1
Ground
11
VSS_2
Ground
24
VSS_3
Ground
30
VSS_4
Ground
37
VSS_5
Ground
43
VSS_6
Ground
52
VSS_7
Ground
57
VSS_8
Ground
61
VSS_9
Ground
Table 5. PIN DESCRIPTION (continued)
PIN
Pin Name
Type
Description
Sourde/Dest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com