Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA016 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 35Page - STMicroelectronics STA016 Datasheet HTML 36Page - STMicroelectronics STA016 Datasheet HTML 37Page - STMicroelectronics STA016 Datasheet HTML 38Page - STMicroelectronics STA016 Datasheet HTML 39Page - STMicroelectronics STA016 Datasheet HTML 40Page - STMicroelectronics STA016 Datasheet HTML 41Page - STMicroelectronics STA016 Datasheet HTML 42Page - STMicroelectronics STA016 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
STA016A
(the INTLINE[0] pin).
8.0.1
Reading a request from mmdsp :
MMDSP write its request inside dedicated host registers (mainly H70 to H78 and H134 to H169), then it signals
to cd_module that it must read a request by sending the interrupt IT_REQ.
Note that IT_REQ interrupt is generated by mmdsp on the IRQB pin of STA016A.
Note also that once it has finished to read the message, cd_module must always acknowledge it by reading
H10.
Figure 7. Block diagram for running the CD application.
power on
cd
inserted ?
no
wait IT_REQ
with 35 in H70
start cd-rom application:
write 0 in H85, then 1 in H86
send play_music command :
write 112 in H64
send IT_CMD
wait IT_REQ
with 112 in H70
any
command?
cd
ejected?
run other
application?
send pause command :
write 2 in H64
send IT_CMD
run the other
application
no
yes
yes
return
to cd?
no
yes
send other command :
write in H64
send IT_CMD
Hxx: host register
number xx
write 1 in SOFT_RESET
write 0 in CK_CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com