Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7594BA Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC7594BA
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594BA Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC7594BA Datasheet HTML 6Page - IXYS Corporation CPC7594BA Datasheet HTML 7Page - IXYS Corporation CPC7594BA Datasheet HTML 8Page - IXYS Corporation CPC7594BA Datasheet HTML 9Page - IXYS Corporation CPC7594BA Datasheet HTML 10Page - IXYS Corporation CPC7594BA Datasheet HTML 11Page - IXYS Corporation CPC7594BA Datasheet HTML 12Page - IXYS Corporation CPC7594BA Datasheet HTML 13Page - IXYS Corporation CPC7594BA Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R04
CPC7594
1.9 Protection Circuitry Electrical Specifications
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
VF
-2.1
3.0
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Protection SCR
Surge current
-
-
-
-
*
A
Trigger current:
Current into VBAT pin.
SCR activates, +25
 C
ITRIG
-
134
-mA
SCR activates, +85
 C87
Hold current: Current
through protection SCR
SCR remains active, +25
 C
IHOLD
-
250
-mA
SCR remains active, +85
 C
110
184
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
-
0.02
1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT
-
-3
-V
2.0 A, t = 0.5
s-5
Temperature Shutdown Specifications
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
C
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com