Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7594BA Datasheet(PDF) 14 Page - IXYS Corporation

Part # CPC7594BA
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594BA Datasheet(HTML) 14 Page - IXYS Corporation

Back Button CPC7594BA Datasheet HTML 10Page - IXYS Corporation CPC7594BA Datasheet HTML 11Page - IXYS Corporation CPC7594BA Datasheet HTML 12Page - IXYS Corporation CPC7594BA Datasheet HTML 13Page - IXYS Corporation CPC7594BA Datasheet HTML 14Page - IXYS Corporation CPC7594BA Datasheet HTML 15Page - IXYS Corporation CPC7594BA Datasheet HTML 16Page - IXYS Corporation CPC7594BA Datasheet HTML 17Page - IXYS Corporation CPC7594BA Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
14
www.ixysic.com
R04
CPC7594
The logic sequences for either mode of operation are
provided in “Make-Before-Break Ringing to Talk Transition
Logic Sequence” on page 14, “Break-Before-Make Ringing
to Talk Transition Logic Sequence” on page 15, and
“Alternate Break-Before-Make Ringing to Talk Transition
Logic Sequence” on page 15. Logic states and input
control settings are provided in “CPC7594xA and
CPC7594xB Truth Table” on page 11 and “CPC7594xC Truth
Table” on page 11.
2.3.3 Make-Before-Break Operation
To use make-before-break operation, change the logic
inputs from the ringing state directly to the talk state.
Application of the talk state opens the ringing return
switch, SW3, as the break switches SW1 and SW2
close. The ringing switch, SW4, remains closed until
the next zero-crossing of the ringing current. While in
the make-before-break state, ringing potentials in
excess of the CPC7594 protection circuitry thresholds
will be diverted away from the SLIC.
Make-Before-Break Ringing to Talk Transition Logic Sequence
2.3.4 Break-Before-Make Operation
Break-before-make operation of the CPC7594 can be
achieved using two different techniques.
The first method uses manipulation of the INRINGING
and INTEST logic inputs as shown in
“Break-Before-Make Ringing to Talk Transition Logic
Sequence” on page 15.
1.
At the end of the ringing state apply the all off
state (1,1). This releases the ringing return
switch (SW3) while the ringing switch (SW4)
remains on, waiting for the next zero current
event.
2.
Hold the all off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs and that SW4, the ringing switch, has
opened.
3.
Apply inputs for the next desired state. For the
talk state, the inputs would be (0,0).
Break-before-make operation occurs when the ringing
switches open before the break switches SW1 and
SW2 close.
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0Z
-Off
On
On
Off
Make-
before-
break
00
SW4 waiting for next zero-current crossing to
turn off. Maximum time is one-half of the
ringing cycle. In this transition state current
limited by the dc break switch current limit
value will be sourced from the ring node of
the SLIC.
On
Off
On
Off
Talk
0
0
Zero-cross current has occurred
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com