Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7594BA Datasheet(PDF) 18 Page - IXYS Corporation

Part # CPC7594BA
Description  TTL Logic Level Inputs for 3.3V Logic Interfaces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7594BA Datasheet(HTML) 18 Page - IXYS Corporation

Back Button CPC7594BA Datasheet HTML 12Page - IXYS Corporation CPC7594BA Datasheet HTML 13Page - IXYS Corporation CPC7594BA Datasheet HTML 14Page - IXYS Corporation CPC7594BA Datasheet HTML 15Page - IXYS Corporation CPC7594BA Datasheet HTML 16Page - IXYS Corporation CPC7594BA Datasheet HTML 17Page - IXYS Corporation CPC7594BA Datasheet HTML 18Page - IXYS Corporation CPC7594BA Datasheet HTML 19Page - IXYS Corporation CPC7594BA Datasheet HTML 20Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
INTEGRATED CIRCUITS DIVISION
18
www.ixysic.com
R04
CPC7594
If presented with a short duration transient such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
event, the device temperature will rise and the thermal
shutdown mechanism will activate forcing the switches
to the all-off state. At this point the current measured
into TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown it will remain in the all-off
state until the temperature of the device drops below
the de-activation level of the thermal shutdown circuit.
This permits the device to autonomously return to
normal operation. If the transient has not passed,
current will again flow up to the value allowed by the
dynamic DC current limiting of the switches and
heating will resume, reactivating the thermal shutdown
mechanism. This cycle of entering and exiting the
thermal shutdown mode will continue as long as the
fault condition persists. If the magnitude of the fault
condition is great enough, the external secondary
protector will activate shunting the fault current to
ground.
2.11 External Protection Elements
The CPC7594 requires only over voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7594. A foldback or crowbar type protector is
recommended to minimize stresses on the CPC7594.
Consult IXYS IC Division’s application note, AN-100,
“Designing Surge and Power Fault Protection Circuits for
Solid State Subscriber Line Interfaces” for equations
related to the specifications of external secondary
protectors, fused resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com