Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922TH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8922TH
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922TH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8922TH Datasheet HTML 1Page - NXP Semiconductors TDA8922TH Datasheet HTML 2Page - NXP Semiconductors TDA8922TH Datasheet HTML 3Page - NXP Semiconductors TDA8922TH Datasheet HTML 4Page - NXP Semiconductors TDA8922TH Datasheet HTML 5Page - NXP Semiconductors TDA8922TH Datasheet HTML 6Page - NXP Semiconductors TDA8922TH Datasheet HTML 7Page - NXP Semiconductors TDA8922TH Datasheet HTML 8Page - NXP Semiconductors TDA8922TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DATA SHEET
Objective specification
2003 Mar 20
TDA8922
2
× 25 W class-D power amplifier
INTEGRATED CIRCUITS


Similar Part No. - TDA8922TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BJ PHILIPS-TDA8922BJ Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BTH PHILIPS-TDA8922BTH Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
2 x 120 W class-D power amplifier
2003 Jul 28
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com