Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCM
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC0832LCM Datasheet HTML 1Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)17 VDC
Voltage at Any Digital Input
V
CC to GND
Voltage at V
REF Input
±25V
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation
at T
A=25˚C (Note 3)
500 mW
DC Voltage Applied to
I
OUT1 or IOUT2 (Note 4)
−100 mV to V
CC
ESD Susceptability (Note 4)
800V
Lead Temperature (Soldering, 10 sec.)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Operating Conditions
Temperature Range
T
MIN≤TA≤TMAX
Part numbers with “LCN” suffix
0˚C to +70˚C
Part numbers with “LCWM” suffix
0˚C to +70˚C
Part numbers with “LCV” suffix
0˚C to +70˚C
Part numbers with “LCJ” suffix
−40˚C to +85˚C
Part numbers with “LJ” suffix
−55˚C to +125˚C
Voltage at Any Digital Input
V
CC to GND
Electrical Characteristics
V
REF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX. For all other limits
T
A=25˚C.
Parameter
Conditions
See
Note
V
CC = 4.75 VDC
V
CC = 15.75 VDC
V
CC =5 VDC ±5%
V
CC =12 VDC
±5%
to 15 V
DC ±5%
Limit
Units
Typ
(Note 12)
Tested
Limit
(Note 5)
Design
Limit
(Note 6)
CONVERTER CHARACTERISTICS
Resolution
8
8
8
bits
Linearity Error Max
Zero and full scale adjusted
4, 8
−10V
≤V
REF≤+10V
DAC0830LJ & LCJ
0.05
0.05
% FSR
DAC0832LJ & LCJ
0.2
0.2
% FSR
DAC0830LCN, LCWM &
LCV
0.05
0.05
% FSR
DAC0831LCN
0.1
0.1
% FSR
DAC0832LCN, LCWM &
LCV
0.2
0.2
% FSR
Differential Nonlinearity
Zero and full scale adjusted
4, 8
Max
−10V
≤V
REF≤+10V
DAC0830LJ & LCJ
0.1
0.1
% FSR
DAC0832LJ & LCJ
0.4
0.4
% FSR
DAC0830LCN, LCWM &
LCV
0.1
0.1
% FSR
DAC0831LCN
0.2
0.2
% FSR
DAC0832LCN, LCWM &
LCV
0.4
0.4
% FSR
Monotonicity
−10V
≤V
REF
LJ & LCJ
4
88
bits
≤+10V
LCN, LCWM &
LCV
8
8
bits
Gain Error Max
Using Internal R
fb
7
±0.2
±1
±1
%FS
−10V
≤V
REF≤+10V
Gain Error Tempco Max
Using internal R
fb
0.0002
0.0006
%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com