Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCM
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC0832LCM Datasheet HTML 1Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DAC0830/DAC0832
8-Bit µP Compatible, Double-Buffered D to A Converters
General Description
The DAC0830 is an advanced CMOS/Si-Cr 8-bit multiplying
DAC designed to interface directly with the 8080, 8048,
8085, Z80®, and other popular microprocessors. A deposited
silicon-chromium R-2R resistor ladder network divides the
reference current and provides the circuit with excellent
temperature tracking characteristics (0.05% of Full Scale
Range maximum linearity error over temperature). The cir-
cuit uses CMOS current switches and control logic to
achieve low power consumption and low output leakage
current errors. Special circuitry provides TTL logic input volt-
age level compatibility.
Double buffering allows these DACs to output a voltage
corresponding to one digital word while holding the next
digital word. This permits the simultaneous updating of any
number of DACs.
The DAC0830 series are the 8-bit members of a family of
microprocessor-compatible DACs (MICRO-DAC™).
Features
n
Double-buffered, single-buffered or flow-through digital
data inputs
n
Easy interchange and pin-compatible with 12-bit
DAC1230 series
n
Direct interface to all popular microprocessors
n
Linearity specified with zero and full scale adjust
only — NOT BEST STRAIGHT LINE FIT.
n
Works with ±10V reference-full 4-quadrant multiplication
n
Can be used in the voltage switching mode
n
Logic inputs which meet TTL voltage level specs (1.4V
logic threshold)
n
Operates “STAND ALONE” (without µP) if desired
n
Available in 20-pin small-outline or molded chip carrier
package
Key Specifications
n
Current settling time:
1 µs
n
Resolution:
8 bits
n
Linearity:
8, 9, or 10 bits (guaranteed over temp.)
n
Gain Tempco:
0.0002% FS/˚C
n
Low power dissipation:
20 mW
n
Single power supply:
5 to 15 V
DC
Typical Application
00560801
BI-FET™ and MICRO-DAC™ are trademarks of National Semiconductor Corporation.
Z80® is a registered trademark of Zilog Corporation.
March 2002
© 2002 National Semiconductor Corporation
DS005608
www.national.com


Similar Part No. - DAC0832LCM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC0832LCN TI-DAC0832LCN Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC0832LCN/NOPB TI-DAC0832LCN/NOPB Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC0832LCWM TI-DAC0832LCWM Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC0832LCWM/NOPB TI-DAC0832LCWM/NOPB Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC0832LCWMX TI-DAC0832LCWMX Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
More results

Similar Description - DAC0832LCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
uP Compatible, Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com