Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCM
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC0832LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 9Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 10Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 11Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 12Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 13Page - National Semiconductor (TI) DAC0832LCM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DAC0830 Series Application Hints (Continued)
The ILE pin is an active high chip select which can be
decoded from the address bus as a qualifier for the normal
CS signal generated during a write operation. This can be
used to provide a higher degree of decoding unique control
signals for a particular DAC, and thereby create a more
efficient addressing scheme.
Another useful application of the ILE pin of each DAC in a
multiple DAC system is to tie these inputs together and use
this as a control line that can effectively “freeze” the outputs
of all the DAC’s at their present value. Pulling this line low
latches the input register and prevents new data from being
written to the DAC. This can be particularly useful in multi-
processing systems to allow a processor other than the one
controlling the DAC’s to take over control of the data bus and
control lines. If this second system were to use the same
addresses as those decoded for DAC control (but for a
different purpose) the ILE function would prevent the DAC’s
from being erroneously altered.
In a “Stand-Alone” system the control signals are generated
by discrete logic. In this case double-buffering can be con-
trolled by simply taking CS and XFER to a logic “0”, ILE to a
logic “1” and pulling WR
1 low to load data to the input latch.
00560835
*TIE TO LOGIC 1 IF NOT NEEDED (SEE SEC. 1.1).
FIGURE 2. Controlling Mutiple DACs
00560836
FIGURE 3.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com