Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYP30N65C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYP30N65C3
Description  Optimized for 20-60kHz Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP30N65C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYP30N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYP30N65C3
IXYH30N65C3
V
CES
= 650V
I
C110
= 30A
V
CE(sat) 



 2.7V
t
fi(typ)
= 24ns
DS100539C(10/14)
Extreme Light Punch Through
IGBT for 20-60kHz Switching
Features
Optimized for 20-60kHz Switching
Square RBSOA
Avalanche Rated
Short Circuit Capability
International Standard Packages
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
High Frequency Power Inverters
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
15
A
T
J = 150C
200
A
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 30A, V
GE = 15V, Note 1
2.35
2.70
V
T
J = 150C
2.58
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
60
A
I
C110
T
C
= 110°C
30
A
I
CM
T
C
= 25°C, 1ms
118
A
I
A
T
C
= 25°C
10
A
E
AS
T
C
= 25°C
300
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 10
I
CM = 60
A
(RBSOA)
Clamped Inductive Load
V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
8
μs
(SCSOA)
R
G
= 82
, Non Repetitive
P
C
T
C
= 25°C
270
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in
Weight
TO-220
3
g
TO-247
6
g
XPTTM 650V IGBT
GenX3TM
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-247
G
C
E
Tab
G
C E
TO-220
Tab


Similar Part No. - IXYP30N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP30N120C3 IXYS-IXYP30N120C3 Datasheet
186Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
More results

Similar Description - IXYP30N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
Optimized for 20-60kHz Switching
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
Optimized for 20-60kHz Switching
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com