Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYP30N65C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYP30N65C3
Description  Optimized for 20-60kHz Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP30N65C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYP30N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0.0
0.4
0.8
1.2
1.6
2.0
2.4
10
20
30
40
50
60
70
80
RG - Ohms
0
2
4
6
8
10
12
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
RG - Ohms
50
100
150
200
250
300
350
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
15
20
25
30
35
40
45
50
55
60
IC - Amperes
0
1
2
3
4
5
6
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
TJ - Degrees Centigrade
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
IC = 30A
I C = 60A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
15
20
25
30
35
40
45
50
55
60
IC - Amperes
20
40
60
80
100
120
140
160
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TJ - Degrees Centigrade
60
65
70
75
80
85
90
95
100
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
IXYP30N65C3
IXYH30N65C3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com