Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYP30N65C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYP30N65C3
Description  Optimized for 20-60kHz Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP30N65C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYP30N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP30N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP30N65C3
IXYH30N65C3
IXYS REF: IXY_30N65C3(4D-R47) 8-26-13
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
15
20
25
30
35
40
45
50
55
60
IC - Amperes
10
14
18
22
26
30
34
t r i
td(on) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
20
40
60
80
100
120
140
160
25
50
75
100
125
150
TJ - Degrees Centigrade
16
18
20
22
24
26
28
30
t r i
td(on) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
280
10
20
30
40
50
60
70
80
RG - Ohms
0
20
40
60
80
100
120
140
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
Fig. 21. Maximum Peak Load Current vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1,000
fmax - KiloHertzs
TJ = 150ºC
TC = 75ºC
VCE = 400V
VGE = 15V
RG = 10Ω
D = 0.5
Square Wave
Triangular Wave



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com