Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN10H170SVT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN10H170SVT
Description  Low Gate Threshold Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H170SVT Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN10H170SVT Datasheet HTML 1Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 2Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 3Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 4Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 5Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN10H170SVT
Document number: DS37196 Rev. 2 - 2
3 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN10H170SVT
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
V
= 3.0V
GS
0
2
4
6
8
10
0
0.5
1
1.5
2
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 5.0V
GS
V
= 6.0V
GS
V
= 9.0V
GS
V
= 7.0V
GS
V
= 8.0V
GS
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
0
1
2
3
4
5
6
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5.0V
DS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
1
2
3
4
5
6
7
8
9
10
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
Id, DRAIN CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain-Source and Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
2
4
6
8
10
Vgs= 4.5V
I = 125°C
D
I = -55°C
D
I
= 85°C
D
I = 25°C
D
I = 150°C
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0.4
0.8
1.2
1.6
2
2.4
2.8
-50
-25
0
25
50
75
100
125
150
V
= 10V
GS
I = 10A
D
V
= 5V
GS
I = 5A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-25
0
25
50
75
100
125
150
V
= 5V
GS
I
= 10A
D
V
= 10V
GS
I = 10A
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com