Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 17Page - Texas Instruments ADC12L080 Datasheet HTML 18Page - Texas Instruments ADC12L080 Datasheet HTML 19Page - Texas Instruments ADC12L080 Datasheet HTML 20Page - Texas Instruments ADC12L080 Datasheet HTML 21Page - Texas Instruments ADC12L080 Datasheet HTML 22Page - Texas Instruments ADC12L080 Datasheet HTML 23Page - Texas Instruments ADC12L080 Datasheet HTML 24Page - Texas Instruments ADC12L080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADC12L080
www.ti.com
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
OF
The OF pin is used to determine the digital data output format. When this pin is high, the output formant is two's
complement. When this pin is low the output format is offset binary. Changing this pin while the device is
operating will result in uncertainty of the data for a few conversion cycles.
PD
The PD pin, when high, holds the ADC12L080 in a power-down mode to conserve power when the converter is
not being used. The power consumption in this state is 50 mW and is not affected by the clock frequency, or by
whether there is a clock signal present. The output data pins are undefined and the data in the pipeline is
corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the capacitors on pins 30, 31 and 32.
These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry before
conversions can be accurate. See Reference Pins.
OUTPUTS
The ADC12L080 has 12 TTL/CMOS compatible Data Output pins. The output data is present at these outputs
while the PD pin is low. While the tOD time provides information about output timing, a simple way to capture a
valid output is to latch the data on the rising edge of the conversion clock (pin 10).
Be very careful when driving a high capacitance bus. The more capacitance the output drivers must charge for
each conversion, the more instantaneous digital current flows through VDR and DR GND. These large charging
current spikes can cause on-chip noise and couple into the analog circuitry, degrading dynamic performance.
Adequate bypassing, limiting output capacitance and careful attention to the ground plane will reduce this
problem. Additionally, bus capacitance beyond the specified 15 pF/pin will cause tOD to increase, making it
difficult to properly latch the ADC output data. The result could be an apparent reduction in dynamic
performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers between the ADC outputs and any other circuitry (74ACQ541, for example). Only one driven
input should be connected to each output pin. Additionally, inserting series 100
Ω resistors at the digital outputs,
close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit the output
currents, which could otherwise result in performance degradation. See Figure 38.
While the ADC12L080 will operate with VDR voltages down to 1.8V, tOD increases with reduced VDR. Be careful of
external timing when using reduced VDR.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com