Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments ADC12L080 Datasheet HTML 13Page - Texas Instruments ADC12L080 Datasheet HTML 14Page - Texas Instruments ADC12L080 Datasheet HTML 15Page - Texas Instruments ADC12L080 Datasheet HTML 16Page - Texas Instruments ADC12L080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ADC12L080
www.ti.com
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics DNL, INL (continued)
VA = VD = 3.3V, VDR = 2.5V, VREF = 1.0V external, VCM = 1.65V, fCLK = 80 MHz, fIN = 0, unless otherwise stated.
DNL vs. Temperature
INL vs. Temperature
Figure 10.
Figure 11.
DNL vs. VDR
INL vs. VDR
Figure 12.
Figure 13.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com