Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments ADC12L080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADC12L080
www.ti.com
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V external, VCM = 1.65V, RS < 100Ω, fCLK = 80 MHz, tr = tf = 2 ns, fIN = 70 MHz, CL = 15 pF/pin.
Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4) (5) (6)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(4)
(Limits)
Maximum Clock Frequency
80
MHz (min)
Minimum Clock Frequency
10
MHz
60
% (max)
Clock Duty Cycle
40
% (min)
tCH
Clock High Time
5.5
ns (min)
tCL
Clock Low Time
5.5
ns (min)
tCONV
Conversion Latency
6
Clock Cycles
VDR = 2.5V
5.2
8.3
ns (max)
tOD
Data Output Delay after Rising CLK Edge
VDR = 3.3V
4.8
7.5
ns (max)
tAD
Aperture Delay
2
ns
tAJ
Aperture Jitter
0.7
ps rms
0.1 µF on pins 30, 31, 32,
tPD
Power Down Mode Exit Cycle
1
µs
and 1.0 µF from pin 30 to 31
(1)
The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited
per(6). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example,
if VA is 3.3V, the full-scale input voltage must be ≤3.4V to ensure accurate conversions.
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2 VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to TI's AOQL (Average
Outgoing Quality Level).
(5)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(6)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA, VD or VDR), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two.
Specification Definitions
APERTURE DELAY is the time after the rising edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
COMMON MODE VOLTAGE (VCM) is the d.c. potential present at both signal inputs to the ADC.
CONVERSION LATENCY See PIPELINE DELAY.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The
specification here refers to the ADC clock input signal.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com