| Electronic Components Datasheet Search |
|
ADCS7477AIMF/NOPB Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADCS7477AIMF/NOPB Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 33 page ![]() GND SAMPLING CAPACITOR SW1 - + CONTROL LOGIC CHARGE REDISTRIBUTION DAC SW2 V /2 DD V IN GND SAMPLING CAPACITOR SW1 - + CONTROL LOGIC CHARGE REDISTRIBUTION DAC V /2 DD SW2 V IN 17 ADCS7476, ADCS7477, ADCS7478 www.ti.com SNAS192G – APRIL 2003 – REVISED MAY 2016 Product Folder Links: ADCS7476 ADCS7477 ADCS7478 Submit Documentation Feedback Copyright © 2003–2016, Texas Instruments Incorporated 7.4 Device Functional Modes Figure 25 shows the device in hold mode where the switch SW1 connects the sampling capacitor to ground, maintaining the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs the charge-redistribution DAC to add or subtract fixed amounts of charge from the sampling capacitor until the comparator is balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital representation of the analog input voltage. The device moves from hold mode to track mode (Figure 26) on the 13th rising edge of SCLK. Figure 25. ADCS747x in Hold Mode Figure 26. ADCS747x in Track Mode 7.4.1 Transfer Function The output format of ADCS747x is straight binary. Code transitions occur midway between successive integer LSB values. The LSB widths for the ADCS7476 is VDD / 4096; for the ADCS7477 the LSB width is VDD / 1024; for the ADCS7478, the LSB width is VDD / 256. The ideal transfer characteristic for the ADCS7476 and ADCS7477 is shown in Figure 27, while the ideal transfer characteristic for the ADCS7478 is shown in Figure 28. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |