Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMF/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  ADCS7477AIMF/NOPB Datasheet HTML 1Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 2Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 3Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 4Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Not to scale
1
VDD
6
CS
2
GND
5
SDATA
3
VIN
4
SCLK
3
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
(1)
G = Ground, I = Input, O = Output, P = Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VDD
P
Positive supply pin. These pins must be connected to a quiet 2.7-V to 5.25-V source and bypassed
to GND with 0.1-µF and 1-µF monolithic capacitors placed within 1 cm of the power pin. ADCS747x
uses this power supply as a reference, so it must be thoroughly bypassed.
2
GND
G
The ground return for the supply.
3
VIN
I
Analog input. This signal can range from 0 V to VDD.
4
SCLK
I
Digital clock input. The range of frequencies for this input is 10 kHz to 20 MHz, with ensured
performance at 20 MHz. This clock directly controls the conversion and readout processes.
5
SDATA
O
Digital data output. The output words are clocked out of this pin by the SCLK pin.
6
CS
I
Chip select. A conversion process begins on the falling edge of CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com