Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMF/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADCS7477AIMF/NOPB Datasheet HTML 17Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 18Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 19Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 20Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 21Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 22Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 23Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 24Page - Texas Instruments ADCS7477AIMF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
A typical application of ADCS747x is shown in Figure 32. The combined analog and digital supplies are provided
in this example by the TI LP2950 low-dropout voltage regulator, available in a variety of fixed and adjustable
output voltages. The supply is bypassed with a capacitor network located close to the device. The three-wire
interface is also shown connected to a microprocessor or DSP.
8.1.1 Analog Inputs
An equivalent circuit for the ADCS747x input channel is shown in Figure 31. The diodes D1 and D2 provide ESD
protection for the analog inputs. At no time should an analog input exceed VDD + 300 mV or GND – 300 mV, as
these ESD diodes begin conducting current into the substrate or supply line and affect ADC operation.
The capacitor C1 in Figure 31 typically has a value of 4 pF, and is mainly due to pin capacitance. The resistor R1
represents the ON resistance of the multiplexer and track or hold switch, and is typically 100
Ω. The capacitor C2
is the ADCS747x sampling capacitor, and is typically 26 pF.
The sampling nature of the analog input causes input current pulses that result in voltage spikes at the input.
ADCS747x delivers best performance when driven by a low-impedance source to eliminate distortion caused by
the charging of the sampling capacitance. In some applications where dynamic performance is critical, the input
must be driven with a low output-impedance amplifier. In addition, when using ADCS747x to sample AC signals,
a band-pass or low-pass filter reduces harmonics and noise and thus improve THD and SNR.
Figure 31. Equivalent Input Circuit
8.1.2 Digital Inputs and Outputs
The ADCS747x digital inputs (SCLK and CS) are not limited by the same absolute maximum ratings as the
analog inputs. The digital input pins are instead limited to 6.5 V with respect to GND, regardless of VDD, the
supply voltage. This allows ADCS747x to be interfaced with a wide range of logic levels, independent of the
supply voltage.
NOTE
Even though the digital inputs are tolerant of up to 6.5 V above GND, the digital outputs
are only capable of driving VDD out.
In addition, the digital input pins are not prone to latch-up; SCLK and CS may be asserted before VDD without
any risk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com