Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463MPFPEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463MPFPEP
Description  12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463MPFPEP Datasheet(HTML) 2 Page - Texas Instruments

  ADS5463MPFPEP Datasheet HTML 1Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 2Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 3Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 4Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 5Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 6Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 7Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 8Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Reference
Timing
CLK
OVR
D[11:0]
CLK
5
DRY
VREF
VIN
VIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
DigitalErrorCorrection
+
–
+
–
B0061-03
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5463-EP
SGLS382C – NOVEMBER 2006 – REVISED OCTOBER 2009 ......................................................................................................................................... www.ti.com
Figure 1. Analog-to-Digital Converter Functional Block Diagram
Table 1. PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE LEAD
TEMPERATURE
DESIGNATOR (2)
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
HTQFP-80(3)
ADS5463-EP
PFP
–55°C to 125°C
ADS5463MEP
ADS5463MPFPEP
Tray, 96
PowerPAD
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Thermal pad size: 9.5 mm × 9.5 mm (minimum), 10 mm × 10 mm (maximum).
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com