Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463MPFPEP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463MPFPEP
Description  12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463MPFPEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5463MPFPEP Datasheet HTML 17Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 18Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 19Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 20Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 21Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 22Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 23Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 24Page - Texas Instruments ADS5463MPFPEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
100
10
200
300
75
75
75
75
80
80
80
80
70
70
70
65
65
65
80
80
85
85
55
55
55
60
60
60
400
f
-InputFrequency-MHz
IN
SFDR-dBc
500
600
700
900
800
1000
170
200
400
250
300
350
450
500
550
50
45
55
60
80
75
70
65
85
90
M0048-10
ADS5463-EP
www.ti.com ......................................................................................................................................... SGLS382C – NOVEMBER 2006 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3 VPP differential clock, (unless otherwise noted)
SFDR
vs
INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 37.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :ADS5463-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com