Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2016DBQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 1 Page - Texas Instruments

  BQ2016DBQ Datasheet HTML 1Page - Texas Instruments BQ2016DBQ Datasheet HTML 2Page - Texas Instruments BQ2016DBQ Datasheet HTML 3Page - Texas Instruments BQ2016DBQ Datasheet HTML 4Page - Texas Instruments BQ2016DBQ Datasheet HTML 5Page - Texas Instruments BQ2016DBQ Datasheet HTML 6Page - Texas Instruments BQ2016DBQ Datasheet HTML 7Page - Texas Instruments BQ2016DBQ Datasheet HTML 8Page - Texas Instruments BQ2016DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A – JANUARY 2001 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Provides Accurate Measurement of
Available Capacity in Nicd or NiMH
Batteries
D Measures a Wide Dynamic-Current Range
D Requires ≤ 1 Square Inch of PCB Space for
Easy Pack Integration
D Measures Charge Flow Using a Low-Offset
V-to-F Converter
D Automatically Compensates Measurements
for Rate and Temperature
D Supports 5 LEDs for Remaining Capacity
Indication
D Provides a 1-Wire HDQ Communication
Interface
D Packaging: 28-Pin SSOP
description
The bq2016 gas gauge IC for battery pack or in-system installation maintains an accurate record of available
battery capacity. To integrate charge and discharge activity of the battery, the IC monitors a voltage drop across
a sense resistor connected in series with the cells of the battery. The bq2016 compensates for battery
temperature, charge/discharge rate, and battery self-discharge to the charge counter to provide available-
capacity information across a wide range of operating conditions. The bq2016 works with NiCd or NiMH battery
packs that have a capacity of 1 to 4.5 Ah and that are designed for high discharge rate applications such as
power tools.
The VPFC input sets the initial full charge reference of the battery pack. The bq2016 learns the true discharge
capacity of the battery pack and automatically updates the full-charge reference during the course of a
discharge cycle from full to empty. The remaining capacity is reported as the ratio between the actual discharge
capacity and the full-charge capacity. The bq2016 communicates available capacity using 5 LEDs or the 1-wire
communications port.
The 1-wire serial communication port (5Kb/s) allows an external processor to read and write the internal
registers of the bq2016. Communication with the bq2016 is useful for pack testing or host processing of the
available battery information. The internal registers include available battery capacity, voltage, temperature,
current, and battery status. The RBI input maintains the register set in the event of pack voltage collapse due
to a high discharge pulse.
The bq2016 circuit can operate from the cells in the pack. The REG output and an external FET provide a simple,
inexpensive voltage regulator to supply power to the circuit from the cells
OPTIONS
TJ
28-PIN SSOP PACKAGE
–20
°C to 70°C
bq2016DBQ
bq2016DBQR
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
HDQ
NC
NC
RBI
REG
NC
VCC
VSS
DISP
LED1
LED2
LED3
LED4
LED5
NC
NC
SB
PROG
VPFC
NC
SR1
SR2
SRC
TS
THON
CVON
NC
NC
TSSOP PACKAGE
(TOP VIEW)
NC — Do not connect


Similar Part No. - BQ2016DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2016DBQ TI2-BQ2016DBQ Datasheet
438Kb / 24P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
REVISED NOVEMBER 2002
BQ2016DBQ.B TI2-BQ2016DBQ.B Datasheet
438Kb / 24P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
REVISED NOVEMBER 2002
BQ2016DBQR TI2-BQ2016DBQR Datasheet
438Kb / 24P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
REVISED NOVEMBER 2002
More results

Similar Description - BQ2016DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2011 TI-BQ2011 Datasheet
181Kb / 20P
Gas Gauge IC for High Discharge Rates
BQ2011K TI-BQ2011K Datasheet
175Kb / 20P
Gas Gauge IC for High Discharge Rates
BQ2111L TI-BQ2111L Datasheet
742Kb / 7P
NiCd Gas Gauge Module with LEDs for High Discharge Rates
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
Gas Gauge IC for High Discharge Rates
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2011 TI1-BQ2011_15 Datasheet
603Kb / 26P
Gas Gauge IC for High Discharge Rates
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
Gas Gauge IC for High Discharge Rates
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com