Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2016DBQ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2016DBQ Datasheet HTML 9Page - Texas Instruments BQ2016DBQ Datasheet HTML 10Page - Texas Instruments BQ2016DBQ Datasheet HTML 11Page - Texas Instruments BQ2016DBQ Datasheet HTML 12Page - Texas Instruments BQ2016DBQ Datasheet HTML 13Page - Texas Instruments BQ2016DBQ Datasheet HTML 14Page - Texas Instruments BQ2016DBQ Datasheet HTML 15Page - Texas Instruments BQ2016DBQ Datasheet HTML 16Page - Texas Instruments BQ2016DBQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
discharge compensation (continued)
The bq2016 adjusts the discharge-compensation efficiency for temperature. At lower temperatures, the
discharge-efficiency factor decreases by 5% for each 10
°C temperature step below 10°C.
FDE (new) = FDE – (5% × N)
where N = number of 10
°C steps below 10°C.
For example at a 1C discharge,
T
> 10°C:
N = 0 and FDE(NEW) = 100%
0
°C < T < 10°C:
N = 1 and FDE(NEW) = 95%
–10
°C < T < 0°C:
N = 2 and FDE(NEW) = 90%
–20
°C < T < –10°C:
N = 3 and FDE(NEW) = 85%
–20
°C < T < –30°C:
N = 4 and FDE(NEW) = 80%
error summary
capacity inaccurate
The LMD is susceptible to error on initialization or if no updates occur. On initialization, the LMD value includes
the error between the programmed full capacity and the actual capacity. This error is present until a valid
discharge occurs and LMD is updated. The other cause of LMD error is battery wear-out. As the battery ages,
the measured capacity must be adjusted to account for changes in actual battery capacity. The bq2016
increments the capacity inaccurate count (CPI) register each time a valid charge occurs and is reset whenever
LMD is updated from the DCR. The counter does not wrap around but stops counting at 255. The capacity
inaccurate flag (CI) is set if LMD has not been updated following 64 valid charges.
display
The bq2016 can directly display capacity information using low-power LEDs. The bq2016 displays the battery
charge as a percentage of the LMD.
The capacity display is also adjusted for the present battery temperature. The temperature adjustment reflects
the available capacity at a given temperature but does not affect the NAC register. Tables 6 and 7 show the
temperature adjustments:
Table 6. Temperature Translation for NiCd
TEMPERATURE
(C)
TEMPERATURE TRANSLATION
(%)
T
≥ 10
100
10
> T ≥ 0
100
0
> T ≥ –10
90
–10
> T ≥ –20
75
T
< –20
50
Table 7. Temperature Translation for NiMH
TEMPERATURE
(C)
TEMPERATURE TRANSLATION
(%)
T
≥ 10
100
10
> T ≥ 0
75
0
> T ≥ –10
40
–10
> T ≥ –20
0
T
< –20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com