Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2016DBQ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ2016DBQ Datasheet HTML 10Page - Texas Instruments BQ2016DBQ Datasheet HTML 11Page - Texas Instruments BQ2016DBQ Datasheet HTML 12Page - Texas Instruments BQ2016DBQ Datasheet HTML 13Page - Texas Instruments BQ2016DBQ Datasheet HTML 14Page - Texas Instruments BQ2016DBQ Datasheet HTML 15Page - Texas Instruments BQ2016DBQ Datasheet HTML 16Page - Texas Instruments BQ2016DBQ Datasheet HTML 17Page - Texas Instruments BQ2016DBQ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
error summary (continued)
The display becomes active during charge if the NAC registers are counting at a rate equivalent to VSR > 2 mV
or discharge if the NAC registers are counting at a rate equivalent to VSR < –2 mV. When DISP is pulled low,
the segment output becomes active for 4 seconds. LED1 blinks at a 4-Hz rate whenever NAC is less than 6%
of LMD or VSB ≤ VEDV.
Table 8. Display Mode
LED1
LED2
LED3
LED4
LED5
NAC / LMD
ON
ON
ON
ON
ON
80 – 100%
ON
ON
ON
ON
OFF
60 –
< 80%
ON
ON
ON
OFF
OFF
40 –
< 60%
ON
ON
OFF
OFF
OFF
20 –
< 40%
ON
OFF
OFF
OFF
OFF
6
< 20%
BLINK
OFF
OFF
OFF
OFF
< 6%
BLINK
OFF
OFF
OFF
OFF
VSB ≤ VEDV
RBI input
The RBI input pin should be used with a storage capacitor or external supply to provide backup potential to the
internal bq2016 registers when VCC drops below 3.0 V. VCC is output on RBI when VCC is above 3.0 V. If an
external supply (such as the bottom series cell) is the backup source, then an external diode is required for
isolation.
initialization
The bq2016 can be initialized by removing VCC and grounding the RBI pin for 5 seconds or by a command over
the serial port. The HDQ port reset command requires writing 78h to register CMDWD.
microregulator
A REG output is provided to regulate an external low-threshold JFET to supply power to the bq2016 based circuit
from the series cells. The REG output maintains VCC to the bq2016 at 3.3 V.
communicating with the bq2016
The bq2016 includes a simple single-pin (HDQ referenced to Vss) serial data interface. A host processor uses
the interface to access various bq2016 registers. By adding a single contact to the battery pack, the host can
easily monitor the battery characteristics. The open-drain HDQ pin on the bq2016 should be pulled up by the
host system or pulled down to ground.
The interface uses a command-based protocol, in which the host processor sends a command byte to the
bq2016. The command directs the bq2016 to either store the next eight bits of data received to a register
specified by the command byte or output the eight bits of data specified by the command byte. The
communication protocol is asynchronous return-to-one. Command and data bytes consist of a stream of eight
bits that have a maximum transmission rate of 5K bits/s. The least-significant bit of a command or data byte
is transmitted first. The protocol is simple enough that it can be implemented by most host processors using
either polled or interrupt processing. Data input from the bq2016 may be sampled using the pulse-width capture
timers available on some microcontrollers.
If a communication error occurs (e.g., tCYCB > 250µs), the bq2016 should be sent a BREAK to reinitiate the serial
interface. A BREAK is detected when the HDQ pin is driven to a logic-low state for a time tB or greater. The HDQ
pin should then be returned to its normal ready-high logic state for a time tBR. The bq2016 is now ready to
receive a command from the host processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com