Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16374DLR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16374DLR
Description  16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16374DLR Datasheet(HTML) 4 Page - Texas Instruments

  74ACT16374DLR Datasheet HTML 1Page - Texas Instruments 74ACT16374DLR Datasheet HTML 2Page - Texas Instruments 74ACT16374DLR Datasheet HTML 3Page - Texas Instruments 74ACT16374DLR Datasheet HTML 4Page - Texas Instruments 74ACT16374DLR Datasheet HTML 5Page - Texas Instruments 74ACT16374DLR Datasheet HTML 6Page - Texas Instruments 74ACT16374DLR Datasheet HTML 7Page - Texas Instruments 74ACT16374DLR Datasheet HTML 8Page - Texas Instruments 74ACT16374DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54ACT16374, 74ACT16374
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS124B – MARCH 1990 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT16374
74ACT16374
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 mA
4.5 V
4.4
4.4
4.4
IOH = –50 mA
5.5 V
5.4
5.4
5.4
IOH =24 mA
4.5 V
3.94
3.7
3.8
VOH
IOH = –24 mA
5.5 V
4.94
4.7
4.8
V
IOH = –50 mA{
5.5 V
3.85
IOH = –75 mA{
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
0.1
IOL =24mA
4.5 V
0.36
0.5
0.44
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA{
5.5 V
1.65
IOL = 75 mA{
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
mA
IOZ
VO = VCC or GND
5.5 V
±0.5
±10
±5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
DI
}
One input at 3.4 V,
55 V
09
1
1
mA
DICC}
,
Other inputs at GND or VCC
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5 V
4.5
pF
Co
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V to VCC.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54ACT16374
74ACT16374
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
65
0
65
0
65
MHz
t
Pulse duration
CLK low
7.5
7.5
7.5
ns
tw
Pulse duration
CLK high
4.5
4.5
4.5
ns
tsu
Setup time, data before CLK
↑
6.5
6.5
6.5
ns
th
Hold time, data after CLK
↑
1
1
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com