Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16374DLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16374DLR
Description  16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16374DLR Datasheet(HTML) 5 Page - Texas Instruments

  74ACT16374DLR Datasheet HTML 1Page - Texas Instruments 74ACT16374DLR Datasheet HTML 2Page - Texas Instruments 74ACT16374DLR Datasheet HTML 3Page - Texas Instruments 74ACT16374DLR Datasheet HTML 4Page - Texas Instruments 74ACT16374DLR Datasheet HTML 5Page - Texas Instruments 74ACT16374DLR Datasheet HTML 6Page - Texas Instruments 74ACT16374DLR Datasheet HTML 7Page - Texas Instruments 74ACT16374DLR Datasheet HTML 8Page - Texas Instruments 74ACT16374DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN54ACT16374, 74ACT16374
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS124B – MARCH 1990 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54ACT16374
74ACT16374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
65
65
65
MHz
tPLH
CLK
Q
5.1
8.8
10.9
5.1
13.2
5.1
12.4
ns
tPHL
CLK
Q
5.3
8.8
10.9
5.3
13.1
5.3
12.2
ns
tPZH
OE
Q
3.7
8.4
10.5
3.7
12.7
3.7
11.9
ns
tPZL
OE
Q
4.4
9.7
11.9
4.4
14.3
4.4
13.4
ns
tPHZ
OE
Q
5.4
7.9
9.8
5.4
10.9
5.4
10.4
ns
tPLZ
OE
Q
4.9
7.2
9.1
4.9
10.2
4.9
9.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per flip flop
Outputs enabled
CL =50 pF
f=1MHz
52
pF
Cpd
Power dissipation capacitance per flip-flop
Outputs disabled
CL = 50 pF,
f = 1 MHz
38
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com